Part Number Hot Search : 
8S40A X7533AD AD7836 AD7836 IRF8327 IRF8327 100N6 MC4824
Product Description
Full Text Search
 

To Download 2SK2503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.3 0.60 +0.1 -0.1 6.50 +0.15 -0.15 1.50 +0.15 -0.15 0.80 +0.1 -0.1 4.60 +0.15 -0.15 0.50 +0.15 -0.15 9.70 +0.2 -0.2 5.30 +0.2 -0.2 2.30 +0.1 -0.1 0.50 +0.8 -0.7 5.55 +0.15 -0.15 2.65 +0.25 -0.1 1.50 +0.28 -0.1 0.127 max 3 .8 0 to-252 unit: mm 1gate 2drain 3source 2SK2503 features low on-resistance. fast switching speed. wide soa (safe operating area). easily designed drive circuits. easy to parallel. absolute maximum ratings ta = 25 parameter symbol rating unit drain to source voltage v dss 60 v gate to source voltage v gss 20 v i d 5a i dp *20 a power dissipation p d 20 w channel temperature t ch 150 storage temperature t stg -55to+150 *pw 10 s,duty cycle 1% drain current electrical characteristics ta = 25 parameter symbol testconditons min typ max unit drain source breakdown voltage v dss i d =1ma,v gs =0v 60 v drain cut-off current i dss v ds =60v,v gs =0 10 a gate leakage current i gss v gs = 20v,v ds =0 100 na gate threshold voltage v gs(th) v ds =10v,i d =1ma 1.0 2.5 v forward transfer admittance y fs v ds =10v,i d =2.5a 4.0 s v gs =10v,i d =2.5a 0.11 0135 v gs =4v,i d =2.5a 0.17 0.20 input capacitance c iss 520 pf output capacitance c oss 240 pf reverse transfer capacitance c rss 100 pf turn-on delay time t on 5ns rise time t r 20 ns turn-off delay time t off 50 ns fall time tf 20 ns v ds =10v,v gs =0,f=1mhz drain to source on-state resistance r ds(on) i d =2.5a,v gs(on) =10v,r g =10 ,rl=12 ,v dd =30v 4008-318-123 sales@twtysemi.com 1 of 1 http://www.twtysemi.com smd type ic mosfet smd type product specification free datasheet http:///


▲Up To Search▲   

 
Price & Availability of 2SK2503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X